Part Number Hot Search : 
RAC324D TC4066 5F212 1KAB05E AD600A STV6434D LC66354V SNC11205
Product Description
Full Text Search
 

To Download 2N3485A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP SILICON SMALL SIGNAL TRANSISTOR
Qualified per MIL-PRF-19500/392 Devices 2N3485A 2N3486A Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Total Power Dissipation
Symbol
VCEO VCBO VEBO IC PT TJ, Tstg Symbol RJA RJC
2N3485A 2N3486A
60 60 5.0 600 0.4 2.0 -55 to +200 Max. 0.439 87
Unit
Vdc Vdc Vdc mAdc W W 0 C Unit mC/W
0
www..com
@ TA = +250C(1) @ TC = +250C(2) Operating & Storage Junction Temperature Range
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance Junction-to-Ambient Junction-to-Case 1) Derate linearly 2.28 mW/0C above TA = +250C 2) Derate linearly 11.43 mW/0C above TC = +250C
0
TO-46* (TO-206AB)
C/W
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol V(BR)CEO ICBO Min. 60 10 10 50 10 Max. Unit Vdc Adc Adc Adc Adc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Base Cutoff Current VCB = 50 Vdc VCB = 60 Vdc Emitter-Base Cutoff Current VEB = 3.5 Vdc VEB = 5.0 Vdc
IEBO
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3485A, 2N3486A JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 10 Vdc IC = 1.0 mAdc, VCE = 10 Vdc IC = 10 mAdc, VCE = 10 Vdc IC = 150 mAdc, VCE = 10 Vdc IC = 500 mAdc, VCE = 10 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc Base-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc 2N3485A 2N3486A 2N3485A 2N3486A 2N3485A 2N3486A 2N3485A 2N3486A 2N3485A 2N3486A 40 75 40 100 40 100 40 100 40 50
hFE
120 300
VCE(sat)
0.4 1.6 1.3 2.6
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
2N3485A 2N3486A Magnitude of Small-Signal Forward Current Transfer Ratio IC = 50 mAdc, VCE = 20 Vdc, f = 100 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 2.0 Vdc, IC = 0, 100 kHz f 1.0 MHz (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%. Small-Signal Forward Current Transfer Ratio IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz
h
fe
40 100 2.0 10 8.0 30 pF pF
hfe
Cobo Cibo
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N3485A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X